PART |
Description |
Maker |
NFM18PC224R0J3 NFM18PC225B1A3 NFM18PC225B0J3 NFM18 |
EMIFILr (Capacitor type) Single Circuit Type for Large Current
|
Murata Manufacturing Co., Ltd. Murata Manufacturing Co., L...
|
BLM41P BLM18P BLM21P BLM15A DLW31S BLM21A BLM31A B |
On-Board Type EMI Suppression Filters (EMIFILr) for Automotive On-Board Type EMI Suppression Filters (EMIFILr) for Automotive
|
Murata Manufacturing Co., Ltd. Murata Manufacturing Co., L... Murata Manufacturing Co...
|
BLM31AJ601SN1 BLM31AJ260SN1 BLM31AF700SN1 |
Chip EMIFILr Inductor Type Chip Ferrite Beads
|
Murata Manufacturing Co., Ltd.
|
NFL18ST307X1C3D NFL18ST507X1C3D NFL18ST207X1C3 |
FILTER LC HIGH FREQ 18PF 0603 1 FUNCTIONS, 16 V, 0.2 A, DATA LINE FILTER FILTER LC HIGH FREQ 10PF 0603 1 FUNCTIONS, 16 V, 0.2 A, DATA LINE FILTER EMIFILr (LC Combined) Multilayer Type NFL18ST Series (0603 Size) EMIFILr (LC Combined) Multilayer Type NFL18ST Series (0603 Size)
|
Murata Manufacturing Co., Ltd. Murata Manufacturing Co...
|
MTAN4150-11A MTAN4150-11C MTAN4150R-11A MTAN4150R- |
CAP .39UF 250/275VAC ECQ-UL 0.5单位字母数字显示 Tantalum Capacitor; Capacitor Type:High CV; Voltage Rating:6.3VDC; Capacitor Dielectric Material:Tantalum; Capacitance:150uF; Capacitance Tolerance: /- 20%; ESR:900mohm; Leaded Process Compatible:Yes; Operating Temp. Max:125 C RoHS Compliant: Yes CAPACITOR .039UF UV BOX TYPE Marktech 0.50 Single Alpha Numeric 0.5 Single Digit Alpha Numeric Display
|
MARKTECH[Marktech Corporate] Marktech Optoelectronics
|
EDS6432AFBH-TT |
Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:50VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-55 C to 105 C; Capacitance:22uF RoHS Compliant: Yes 6400位SDRAM的抗水树(宽温度范围
|
Elpida Memory, Inc.
|
MYB79D MGB79D MSB79D MXB79 |
1.90 X 3.97MM ROUND RECTANGULAR BARLED LAMP 1.90 X 3.97MM圆形矩形BARLED Aluminum Electrolytic Capacitor; Capacitor Type:Computer Grade; Voltage Rating:100VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to 85 C; Capacitance:20000uF RoHS Compliant: Yes
|
MICRO-ELECTRONICS[Micro Electronics]
|
STV160NF03L |
Niobium Oxide Capacitor; Capacitor Type:Low ESR; Voltage Rating:2.5VDC; Capacitor Dielectric Material:Niobium Oxide; Capacitance:330uF; Capacitance N - CHANNEL 30V - 0.0019ohm - 160A PowerSO-10 STripFET MOSFET
|
意法半导 STMicroelectronics
|
PS205KVP8.2PF/-2PFR16 PS405KVP1000PF/-10N2200 PS20 |
CAPACITOR, CERAMIC, 0.0000082 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.001 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.000033 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.00033 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.00039 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.00047 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.000047 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.00002 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.000022 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.000027 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.000056 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.00056 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.0000056 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.0000068 uF, CHASSIS MOUNT CAPACITOR, CERAMIC, 0.00012 uF, CHASSIS MOUNT
|
Vishay Intertechnology, Inc.
|
SGW10N60RUF |
FEEDTHRU CAPACITOR, 220PF 0.5A 100VFEEDTHRU CAPACITOR, 220PF 0.5A 100V; Capacitance:0.22nF; Voltage rating, DC:100V; Capacitor dielectric type:Ceramic Multi-Layer; Tolerance, :50%; Tolerance, -:20%; Temp, op. max:125(degree C); Short Circuit Rated IGBT
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
MX802J MX802LH MX802LH8 |
CVSD, CVSD CODEC, PQCC24 Aluminum Electrolytic Capacitor; Capacitor Type:Computer Grade; Voltage Rating:250VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to C; Capacitance:375uF RoHS Compliant: Yes DVSR CODEC
|
CML MICROSYSTEMS PLC Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers CML Microcircuits
|